Part Number Hot Search : 
1N5230B SN74AHC1 12N01 101MF 3266Z100 OP20HS BCR119L3 SN74AHC1
Product Description
Full Text Search
 

To Download 87663 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  powerplus? (ssi) expandable - power & signal
powerplus tm (ssi) expandable power & signal connectors they feature recessed signal-pins and sequential mating (last-mate- first-break) that allows hot-swapping of power supply units on the male side. the receptacle could also provide for lmfb with recess power blade. the selection options include any number of power (up to 20) or signals (up to 128), placing power or signal at different location, fork lock or screw mount, ac or dc current (different pitch), guide post option, standard and long power blades. molex offers standard through-hole right angle headers and receptacles as well as through- hole and press ? t vertical receptacles. ? rigid tails for easy pcb insertion ? metal forklocks or screw mounts for strong board retention reduce board warpage during soldering ? high temperature thermoplastic housing material ensures thermal reliability molexs successfully introduced a new series of power connectors that conform to server system infrastructure (ssi) open speci? cation (http://www.ssiforum.org). the dps and mps offer a standard variation of 2 & 11 power blades with mixed layout of 24 signal pins. the contact support up to 30 amperes of current. with demand for more ? exibility and options in variations, molex have further expanded the series to cater to the needs and requirement from our customers. introduction ? recessed pins-sequential mating (last-mate-first-break) allows hot swapping of power supply units ? guide pockets (headers) or guide posts (receptacles) facilitate easy blind-mating ? shrouded headers prevent contact damage ? stamped and selectively plated power contacts provide greater electrical reliability features and benefits applications
(1) gender - plug (male) - receptacle (female) (2) connector orientation - vertical - right angle (3) termination method - through hole - press-fit (4) type - power-signal-power (p-s-p) - power(alpha)-signal (pa-s) - all power (ap) - signal-power(beta) (s-pb) - ac power/dc power (ac/dc) (5) power & signal - number of power at alpha. example, 2 power pins at alpha = 2 pa - number of signal pins. example, 24 signal pins = 24 s - number of power at beta. example, 3 power pins at beta = 3 pb (6) recess - recess power only on receptacle power alpha or beta. example, recess pa #1, pb #3 etc. - recess signal only on plug. example, recess signal at a3, b4 etc. (7) retention to pcb - board lock - screw mount (8) guide post - with guide post - without guide post (9) pitch - dc power: 6.35mm (.25) pitch / 5.08mm(.20) pitch - ac power: 7.62mm (.30) pitch 1 2 3 4 5 6 a b c d eecde perpls m eanaleperinalcnnectrs plug recess signal receptacle recess power
electrical voltage: power C 48v signal C 48v current: power C 30a signal C 2.5a contact resistance: power C 0.5 m ? max. signal C 20 m ? max. dielectric withstanding voltage: power C 2,500v ac signal C 1,000v ac insulation resistance: power C 20,000 m ? min. signal C 5,000 m ? min. mechanical mating force: power C 6.95n (1.56 lb) per pin signal C 1.00n (.22 lb) per pin unmating force: power C 2.23n (.50 lb) per pin signal C 0.10n (.022 lb) per pin durability: 100 cycles physical unmated height: 12.09mm (.476) housing: black high temperature thermoplastic, glass-? lled, ul 94v-0 contact: copper (cu) alloy plating: contact C 0.76m (30?) gold (au) tail C 2.54m (100?) tin/lead (sn/pb) underplating C nickel (ni) operating temperature: -40 c to +105 specifications ssi - dps 87606 right angle, through hole header 87607 right angle, through hole receptacle 87695 vertical, press-fit receptacle ssi - mps 87615 right angle, through hole header 87616 right angle, through hole receptacle 87665 vertical, press-fit receptacle powerplus tm (ssi) expandable power & signal connectors
87631 right angle, through hole header 87632 right angle, through hole receptacle 87622 vertical, through hole receptacle 87633 vertical, press-fit receptacle power-signal-power (p-s-p) 87697 vertical, press-fit receptacle 87696 right angle, through hole header 87700 right angle, through hole receptacle power(alpha)-signal (pa-s) all power 87658 right angle, through hole header 87691 vertical, press-fit receptacle powerplus tm (ssi) expandable power & signal connectors
america headquarters lisle, illinois 60532 u.s.a. tel: 1-800-78molex fax: 1-630-969-1352 far east north headquarters yamamoto, kanagawa, japan tel: 81-462-65-2324 fax: 81-462-65-2366 far east south headquarters jurong, singapore tel: 65-6268-6868 fax: 65-6265-2985 european headquarters munich, germany tel: 49-89-413092-0 fax: 49-89-401527 corporate headquarters 2222 wellington court lisle, illinois 60532 u.s.a. tel: 1-630-969-4550 fax: 1-630-969-1352 ? 2003, molex bringing people & technology together, worldwide signal-power(beta) (s-pb) 87710 vertical, press-fit receptacle 87667 right angle, through hole header 87668 right angle, through hole receptacle ac/dc 87663 right angle, through hole header 87734 right angle, through hole receptacle 87664 right angle, through hole receptacle sm powerplus tm (ssi) expandable power & signal connectors


▲Up To Search▲   

 
Price & Availability of 87663

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X